PART |
Description |
Maker |
MC14012B MC14012BCP MC14012BD MC14012BDR2 MC14012B |
B-Suffix Series CMOS Gates B-Suffix Series CMOS Gates 4000/14000/40000 SERIES, DUAL 4-INPUT NAND GATE, PDSO14
|
ONSEMI[ON Semiconductor]
|
MC14001B06 MC14082B MC14001B MC14011B MC14023B MC1 |
B−Suffix Series CMOS Gates
|
ONSEMI[ON Semiconductor]
|
MC14011 |
UB-Suffix Series COMS Gates
|
Motorola, Inc
|
AMD27C256 AM27C256-120 AM27C256-120EC AM27C256-120 |
256 Kilobit (32,768 x 8-Bit) CMOS EPROM Circular Connector; No. of Contacts:5; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 8-input positive-NAND gates 14-SO 0 to 70 256千比特(32,768 × 8位)的CMOS存储 256 Kilobit (32,768 x 8-Bit) CMOS EPROM 256千比特(32,768 × 8位)的CMOS存储 256 Kilobit (32,768 x 8-Bit) CMOS EPROM 32K X 8 OTPROM, 90 ns, PDSO32 Quadruple 2-Input Multiplexers With Storage 16-PDIP 0 to 70 8-Line To 3-Line Priority Encoder 16-PDIP 0 to 70 Universal shift / storage registers 20-SOIC 0 to 70 8-input positive-NAND gates 14-SOIC 0 to 70 8-input positive-NAND gates 14-PDIP 0 to 70 8-Line To 3-Line Priority Encoder 16-SO 0 to 70 Hex Bus Drivers With 3-State Outputs 16-SOIC 0 to 70 256 Kilobit (32/768 x 8-Bit) CMOS EPROM
|
Cypress Semiconductor, Corp. Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
HD74LV2GT00A HD74LV2GT00AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Dual 2-input NAND Gates / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
256 600 120 ATL25_432 ATL25 ATL25_976 ATL25_100 AT |
ASIC 专用集成电路 From old datasheet system The ATL25 series gate array and embedded array families from Atmel are fabricated on a 0.25 micron CMOS process with 5 levels of metal. This family features arrays with up to 6.9 million routable gates and 976 pins. The high density and hi
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
V23100S2234A840 V23100S0302A303 V23100S2034A840 V2 |
FPGA IGLOOe Family 3M Gates 892.86MHz Commercial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates Commercial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates 892.86MHz Industrial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates Commercial 130nm (CMOS) Technology 1.5V 896-Pin FBGA FPGA IGLOOe Family 3M Gates 892.86MHz Industrial 130nm (CMOS) Technology 1.5V 896-Pin FBGA FPGA ProASIC®3 Family 1M Gates 272MHz Industrial 130nm (CMOS) Technology 1.5V 256-Pin FBGA FPGA ProASIC®3 Family 1M Gates 272MHz Industrial 130nm (CMOS) Technology 1.5V 484-Pin FBGA
|
Cypress Semiconductor, Corp. EPCOS AG
|
AME8811OEFT AME8811OEAT AME8800JEEV AME8800KEAT AM |
CAPACITOR, BESTCAP 33 MILLI FARAD 9V CAPACITOR, BESTCAP 33 MILLI FARAD 9V; CAPACITANCE:33MF; VOLTAGE RATING, DC:9V; CAPACITOR DIELECTRIC TYPE:ELECTRONIC; SERIES:BESTCAP; TEMP, OP. MAX:75(DEGREE C); TEMP, OP. MIN:-20(DEGREE C); RoHS Compliant: Yes 300mA CMOS LDO 300mA的CMOS低压 AB 16C 16#16 PIN PLUG 300mA的CMOS低压 Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 300mA的CMOS低压 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 300mA的CMOS低压
|
AME, Inc.
|
4412B 4402B |
CMOS EXPANDABLE GATES
|
RANDE[R & E International, Inc.]
|
MAX7528AQ MAX7528BQ MAX7528CQ MAX7528JCWP MAX7528J |
CMOS dual 8 bit buffered multiplying DAC. 5V to 15V single supply operation. Error -1/2 LSB. Quadruple Bus Buffer Gates With 3-State Outputs 14-CFP -55 to 125 CMOS位乘法数模转换器缓冲 CMOS Dual 8-Bit Buffered Multiplying DACs CMOS位乘法数模转换器缓冲 Quadruple Bus Buffer Gates With 3-State Outputs 20-LCCC -55 to 125 From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|